Part Number Hot Search : 
LTC4155 2SD18 MUR48 TA250M MX29LV TS35P05G SZ3C91 NC7WZ86
Product Description
Full Text Search
 

To Download BZX84C5V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84C2V4 - BZX84C39
SURFACE MOUNT ZENER DIODE
FEATURES
Planar Die construction 410mW Power Dissipation Ideally Suited for Automated Assembly Processes Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
SOT-23 Dim
A L Top View
3
Min 2.800 1.200 0.890 0.370 1.780 0.013 0.085 0.450 0.890 2.100 0.450
Max 3.040 1.400 1.110 0.500 2.040 0.100 0.177 0.600 1.020 2.500 0.600
A B C
2
BS
1
D G H J K
J
MECHANICAL DATA
Case: SOT-23, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Below Weight: 0.008 grams (approx.)
V
G C D H K
L S V
All Dimension in mm
3
1
2
Maximum Ratings
Type Number
Forward Voltage
@TA=25C unless otherwise specified
@ IF = 10mA
Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Symbol VF Pd R
JA
Value 0.9 410 357 -55 to + 150
Units V mW
O
C /W
O
TJ, TSTG
C
Notes: 1. Valid provided the device terminals are kept at ambient temperature.
BZX84C2V4 - BZX84C39
SURFACE MOUNT ZENER DIODE
Nominal Zener Voltage V Z @ IZT
No m. V M i n. V M a x. V
Part Number
Marking C ode
Max. Zener Impedance Z ZT @ IZT
mA
Max Reverse Leakage Current IR @ V R
uA V mA
Z ZK @ IZK
410 mWatts Zener Diodes
BZX84C2V4 BZX84C2V7 BZX84C3 BZX84C3V3 BZX84C3V6 BZX84C3V9 BZX84C4V3 BZX84C4V7 BZX84C5V1 BZX84C5V6 BZX84C6V2 BZX84C6V8 BZX84C7V5 BZX84C8V2 BZX84C9V1 BZX84C10 BZX84C11 BZX84C12 BZX84C13 BZX84C15 BZX84C16 BZX84C18 BZX84C20 BZX84C22 BZX84C24 BZX84C27 BZX84C30 BZX84C33 BZX84C36 BZX84C39 W1 W2 W3 W4 W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WI WK WL WM WN WO WP WR WS WT WU WW WX 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 350 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 50 20 10 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3
STANDARD VOLTAGE TOLERANCE IS + 5% AND : SUFFIX " B " FOR + 2% SUFFIX " C " FOR + 5%
BZX84C2V4 - BZX84C39
RATINGS AND CHARACTERISTIC CURVES
500
50
Tj = 25C
C2V7
C3V9
C5V6 C6V8 C8V2 C9V1
Pd, POWER DISSIPATION (mW)
IZ, ZENER CURRENT (mA)
400
40
C3V3
C4V7
300
30
200
20
100
10
Test Current IZ 5.0mA
0 0
100
200
0 0 1 3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics 2 10
TA, Ambient Temperature, (C)
Fig. 1 Power Derating Curve
30
Tj = 25C
C10 C12
1000
Tj = 25C
CT, TOTAL CAPACITANCE (pF)
VR = 1V V R = 2V
IZ, ZENER CURRENT (mA)
20
C15
C18 Test current IZ 2mA C27 C33 C36 C39
100
V R = 1V
10
C22 Test current IZ 5mA
V R = 2V
10
0
1
10
100
0
10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3 Zener Breakdown Characteristics
40
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 4 Total Capacitance vs Nominal Zener Voltage


▲Up To Search▲   

 
Price & Availability of BZX84C5V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X